PART |
Description |
Maker |
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
NCR45CF |
Finite Impulse Response Filter
|
Symbios Semiconductors
|
2R12S-600H |
High Impulse Current Gas Discharge Tubes
|
HuaXinAn Electronics CO...
|
G5NB-E G5NB-1A-12VDC G5NB-1A-18VDC G5NB-1A-24VDC G |
A Miniature Relay with 1-pole 5 A Switching Capability and 10 kV Impulse Withstand Voltage
|
http:// OMRON[Omron Electronics LLC]
|
G5NB-1ADC12 G5NB-1A-DC5 |
A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
|
Omron Electronics LLC
|
RI80-80 RI80-150 RI80-20 RI80-200 RI80-10 RI80-100 |
RI80 Metal Glaze Impulse Resistors RI80 Metal Glaze Impulse Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
SA2005MSA SA2005MPA SA2005M |
Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
|
Sames
|
S89R11APP1-120 S89R11DBD1-12 S89R5DBD1-12 S89R11AB |
Bistable, Impulse Relay 15 and 20 Amp Industrial Rating Continuous Coil Rating
|
Tyco Electronics
|
5KP7.0A 5KP6.0A 5KP8.0A 5KP6.5CA 5KP9.0CA 5KP8.0CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 DIODE FAST REC 400V 20A DO-5 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Surge Components, Inc.
|
MA5KP8.5ATRE3 MA5KP8.0CATRE3 MAR5KP8.5E3TR MA5KP8. |
5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR ROHS COMPLIANT, PLASTIC, 5A, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR ROHS COMPLIANT, PLASTIC, 5A, 2 PIN 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC, 5R, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC, 5R, 2 PIN 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, 5R, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, 5R, 2 PIN
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
MX5KP8.5ATRE3 MQ5KP8.5AE3TR MX5KP8.5CATRE3 MQ5KP8. |
5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR ROHS COMPLIANT, PLASTIC, 5A, 2 PIN 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR PLASTIC, 5A, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR ROHS COMPLIANT, PLASTIC, 5A, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR PLASTIC, 5A, 2 PIN
|
Microsemi, Corp.
|
K2960TT500 |
5825 A, 5000 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
|